PART |
Description |
Maker |
FSSD07 FSSD07BQX FSSD07UMX |
1-Bit / 4 Bit SD/SDIO and MMC Dual-Host Multiplexer; 24-UMLP 2-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQCC24 1-Bit / 4 Bit SD/SDIO and MMC Dual-Host Multiplexer; 24-MLP 2-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQCC24 1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
|
Fairchild Semiconductor, Corp.
|
MAX5222 MAX5222EKA-T |
Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-VQFN -40 to 85 Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
LTC2435CGN LTC2435IGN LTC2435-1CGN LTC2435-1IGN LT |
20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference 20-Bit No Latency ADCs with Differential Input and Differential Reference
|
LINER[Linear Technology]
|
AD7352YRUZ AD7352YRUZ-RL EVAL-CED1Z AD7352BRUZ AD7 |
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
|
Analog Devices
|
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
LTC2353-16 |
Buffered Dual, 16-Bit, 550ksps/Ch Differential ±10.24V ADC with 30VP-P Common Mode Range
|
Linear Technology
|
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
LTC2410IGN LTC241009 LTC2410CGN |
24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
|
Linear Technology
|
LTC2410 |
24-Bit No Latency Delta SigmaADC with Differential Input and Differential Reference
|
Linear Technology
|
MCP3301NBSP MCP3301-CI-SN MCP3301 MCP3301-CI/MS MC |
The MCP3301 13-bit Analog to Digital Converter (ADC) features a full differential input and low power consumption in a small package ... 13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface 13-Bit Differential Input Low Power A/D Converter with SPI Serial Interface
|
MICROCHIP[Microchip Technology]
|
MC1514 MC1414 MC1414D MC1514L |
V(cc): 14VDC; 10mA; 1W; dual differential voltage comparator (MC1414 / MC1514) DUAL DIFFERENTIAL COMPARATOR V(cc): 14VDC, 10mA, 1W, dual differential voltage comparator
|
Motorola, Inc Motorola / Freescale Semiconductor
|